PART |
Description |
Maker |
S3P72K8 |
singl-chip CMOS microcontroller
|
http://
|
E0C63B07 |
CMOS 4-Bit Low Voltage Singl Single Chip Microcomputer Composed of 4-Bit E0C63000 Core CPU,RAM,ROM7 Segment Type LCD Driver0000 Gates of Gate Array(4位CMOS、低电压、单片微型计算机(含4位E0C63000中央处理器核RAM,ROM7段LCD驱动器,10000门阵列))
|
爱普生(中国)有限公
|
IRFR6215PBF IRFU6215PBF IRFR6215TR IRFR6215TRL IRF |
Advanced Process Technology HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 13 A, 150 V, 0.295 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 175°C Operating Temperature
|
International Rectifier
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
VRF148A VRF148AMP VRF148A10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 30; P(in) (W): 1; Gain (dB): 15; VDD (V): 50; Coss (pF): 35; Case Style: M113 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
VRF152E VRF152EMP VRF152E10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 6; Gain (dB): 14; VDD (V): 50; Coss (pF): 220; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IRLU8743PBF IRLR8743PBF |
160 A, 30 V, 0.0031 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
IRFP230 SSH40N15A SSH20N50A IRFP330 SSH60N10A |
9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 40 A, 150 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 20 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 5.5 A, 400 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P 60 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3P
|
FAIRCHILD SEMICONDUCTOR CORP
|
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
|